PART |
Description |
Maker |
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1782 LT1782CS5 LT1782CS6 |
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
|
LINER[Linear Technology]
|
LT1784 LT1784CS6 LT1784IS5 LT1784IS6 LTJD LT1784CS |
2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
|
LINER[Linear Technology]
|
LT1797IS5 |
10MHz/ Rail-to-Rail Input and Output Op Amp in SOT-23
|
Linear Technology
|
LT1797IS5 LT1797CS5 LT1797 |
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
|
LINER[Linear Technology]
|
AM27C010-150PI AM27C010-255PI AM27C010-255DCB AM27 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 165MHz, Rail-to-Rail Input and Output, 0.95nV/rtHz Low Noise, Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.2mA Op Amp Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Bourns, Inc. Advanced Micro Devices, Inc.
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
AD5310BRTZ-REEL AD5310BRM AD5310BRTZ-500RL7 AD5310 |
2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
|
Analog Devices
|
EL5027IWTZ-T7A EL5027 EL5027IWTZ-T7 |
2-Channel, Low Power Rail-to-Rail Input-Output Buffer Dual 2.5MHz Rail-to-Rail Input-Output Buffer
|
INTERSIL[Intersil Corporation]
|