PART |
Description |
Maker |
74HC30D-T 74HCT30D-T |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Single 8-input NAND Gate 输入与非 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NXP Semiconductors N.V.
|
0459-0030-02 0459-0075-02 0459-0006-02 0459-0225-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 抽头延迟
|
Honeywell International, Inc. Littelfuse, Inc. Bel Fuse, Inc. PHOENIX CONTACT Deutschland GmbH
|
2SC3502C 2SC3502E |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|26
|
Sanyo Electric Co., Ltd.
|
OLG209 OLR207 OLG210 OLG211 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Optoelectronic 光电 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
|
MAX4470EWT MAX446411 MAX4470EUKT MAX4471EKAT MAX44 |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
0446-0500-01 0446-0500-50 0446-0500-02 0446-0150-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC Logic IC 逻辑IC
|
Air Cost Control ITT, Corp. Bel Fuse, Inc.
|
0454-0010-01 0454-0015-01 0454-0100-01 0454-0007-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC
|
ITT, Corp. Pulse Engineering, Inc.
|
2SC780AGTM 2SC780ATM 2SC970 2SC372TM 2SA509GTM 2SC |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 30MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-18 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一(c)|92 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Air Cost Control
|
MCP40D19T-103AE_LT MCP40D19-502AE_LT MCP40D17 MCP4 |
10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO6 7-Bit Single I2C?/a> (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C (with Command Code) Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 (with Command Code) Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
2SC3585 2SC3585-T1B 2SC3585R43 2SC3585R45 2SC3585R |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 10V的五(巴西)总裁| 35MA一(c)|的SOT - 346 TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 35MA I(C) | SOT-346 晶体管|晶体管|叩| 10V的五(巴西)总裁| 35MA一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|