PART |
Description |
Maker |
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
0581-0846-70 0580-0846-70 0580-0806-35 0580-1416-5 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Power Magnetics 电力 1 ELEMENT, 12.4 uH, GENERAL PURPOSE INDUCTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
SCHURTER AG BEL FUSE INC
|
MAX6390XS31D4-T MAX6381XS39D6-T MAX6382XS39D6-T MA |
SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits
|
Maxim Integrated Products
|
MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 |
4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP 500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits 700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路 CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路 *** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70 Single/Dual Low-Voltage Low-Power µ.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路 700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路 TWINAX T ADAPTER, JACK- JACK-J USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX 1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail SOLDER JAM NUT RECPT -SR SOLDER PLUG -SR 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC LOW DROP POSITIVE VOLTAGE REGULATORS 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT BOOT,HEATSHRINKABLE,STRAIN-RELIEF SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits " SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits" SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 700-mW Mono, Class-AB Audio Amplifier 8-SOIC 3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 电源管理 友顺科技股份有限公司 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http:// MAXIM - Dallas Semiconductor
|
0447-0100-07 0447-0250-07 0447-0150-07 0447-0050-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC Logic IC 逻辑IC
|
PacTec Air Cost Control
|
MAX6384 MAX6384LT MAX6384XS MAX6383XR MAX6390LT MA |
SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
|
Maxim Integrated Products
|
2SB1443 2SA1797 A5800341 2SC4672T100P 2SC4672T100Q |
Power Transistor (-50V/ -2A) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) From old datasheet system Power Transistor (-50V, -2A) TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 2A I(C) | TO-243 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 2A I(C) | SIP SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁|甲一(c)|43
|
Rohm Co., Ltd.
|
MAX4470EXKT |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5
|
Maxim Integrated Products, Inc.
|
2SA1318S 2SA1318T 2SC3331V 2SC3331S 2SC3331T 2SC33 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-92 晶体管|晶体管|叩| 50V五(巴西)总裁| 200mA的一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 200mA的一(c)|2
|
SIEMENS AG Microsemi, Corp.
|
OMH1575-12SC OMH1575-12SCM OMH1575-12SCZM OM1575-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Analog IC 模拟IC
|
Electronic Theatre Controls, Inc. TT electronics Semelab, Ltd. Cirrus Logic, Inc.
|
0447-0040A3 0447-0060A3 0447-0050A3 0447-0090A3 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC
|
Air Cost Control
|
|