PART |
Description |
Maker |
MAX3841 MAX3841ETG |
12.5Gbps CML 2 × 2 Crosspoint Switch
|
Maxim Integrated Products
|
NB6L72MMNG NB6L72MMNR2G NB6L72M_07 NB6L72M |
2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
|
ONSEMI[ON Semiconductor]
|
SY54023AR SY54023ARMG SY54023ARMGTR |
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
|
Micrel Semiconductor
|
SY54023R SY54023RMG SY54023RMGTR |
Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
|
Micrel Semiconductor
|
NB6HQ14M |
2.5V 5GHz / 6.5Gbps Differential Input to 1.8V /2.5V 1:4 CML Clock / Data Fanout Buffer w/ Selectable Input Equalizer
|
ON Semiconductor
|
NB4N840M |
3.3V 2.7Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination(带CML输出和内部终端的3.3V2.7Gb/s双差分时数据2x2交点开 3.3 2.7Gb / s双差分时带CML输出和内部终端(带白血病输出和内部终端.3伏,2.7Gb /数据2 × 2交叉点开关S双差分时数据2X2的交点开关)
|
ON Semiconductor
|
ORLI10G ORLI10G-1BM680C ORLI10G-1BM680I ORLI10G-1B |
Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
|
Lattice Semiconductor
|
AD8152 AD8152-EVAL |
X Stream 34 x 34, 3.2 Gb/s Digital Crosspoint Switch 34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch 34 × 343.2 Gbps的异步数字交叉点开
|
Analog Devices, Inc.
|
AD8108 AD8109 AD8108-EB AD8108AST AD8109-EB AD8109 |
325 MHz, 8 x 8 Buffered Video Crosspoint Switches ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 325兆赫 × 8的缓冲视频交叉点开 325 MHz, 8 x 8 Buffered Video Crosspoint Switches 8-CHANNEL, CROSS POINT SWITCH, PQFP80 325 MHz/ 8 x 8 Buffered Video Crosspoint Switches
|
Magnecraft Analog Devices, Inc.
|
ORLI10G-2BM680I ORLI10G-3BMN680C ORLI10G-1BM680I O |
FPGA, PBGA680 LEAD FREE, PLASTIC, FPBGA-680 FPGA, PBGA680 PLASTIC, FPBGA-680 FPGA, 1296 CLBS, 380000 GATES, PBGA680 PLASTIC, MULTILAYER, BGA-680 Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation http://
|
ADCMP60607 ADCMP607 |
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparator in a 12-lead LSCFP Package Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
|
Analog Devices
|
MAX3272E/D MAX3272 MAX3272A |
3.3V, 2.5Gbps Low-Power Limiting Amplifiers 3.3V2.5Gbps低功耗限幅放大器 3.3V, 2.5Gbps Low-Power Limiting Amplifier 3.3V2.5Gbps低功耗限幅放大器
|
Maxim Integrated Products, Inc.
|