PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
IS80C31 IS80C31-12PL IS80C31-12PLI IS80C31-12PQ IS |
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PDIP40 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M37708S1LGP M37702S1LHP M37708S1LHP M37702M2L-249H |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 Single Chip 16 Bits CMOS Microcomputer(16位单片机) 单片微机16位的CMOS6位单片机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CXP82220 CXP82224 CXP-82220 CXP-82224 |
IC,MICROCONTROLLER,8-BIT,SPC700 CPU,CMOS,QFP,100PIN,PLASTIC CMOS 8-bit Single Chip Microcomputer
|
SONY[Sony Corporation]
|
LC6527C_H LC6528C_H LC6528H LC6528C LC6527C LC6527 |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS 4位单片微机的小规模控制为导向的应 CMOS LSI SINGLE - CHIP 4-BIT MICROCOMPUTERS FOR SMALL - SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS RES,Metal Film,1.24MOhms,250WV,1 /-% Tol,-250,250ppm-TC RoHS Compliant: Yes
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|