PART |
Description |
Maker |
CPT2211C40TP CPT2305 CPT2305I40BW CPT2308 CPT2308G |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
CPT1306E CPT1306E40TP CPT1404E CPT1404E48BW CPT140 |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
CPT3402M13BW CPT3307 CPT3307C10BP CPT3409G11BW CPT |
External Drive Piezo Transducer (AC)
|
Canopus Electronics (H.K.) Ltd.
|
CIT2811 |
Self Drive Piezo Transducer
|
Canopus Electronics
|
AN2784 |
Using the high-density STM32F10xxx FSMC peripheral to drive external memories
|
STMicroelectronics
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
U357025R |
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
|
Tripp Lite. All Rights ...
|
CH11 |
Ushering in a new era of USB 3.0 transfer performance the CH11 is an external hard drive with high-speed
|
A-Data Technology
|
MC74LVQ573SD MC74LVQ573 MC74LVQ573DT MC74LVQ573DW |
COVER KIT, NLP40; Length / Height, external:127mm; Width, external:72.87mm; Depth, external:37.29mm RoHS Compliant: Yes LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MB3828PFV-G-BND |
BOX, POLYCARBONATE IP67 CLEAR LIDBOX, POLYCARBONATE IP67 CLEAR LID; Length / Height, external:65mm; Width, external:230mm; Depth, external:80mm; Material:Polycarbonate; Colour:Grey; Approval Bodies:GL, CSA, Fimko, Gost R, EN 50298 Pentium DC/DC Converter IC
|
Fujitsu Limited Fujitsu Component Limited.
|
|