PART |
Description |
Maker |
B41796A7477Q000 B41696 B41696A5108Q007 B41696A5108 |
Axial-Lead and Soldering Star Capacitors
|
EPCOS[EPCOS]
|
B41696A7228Q007 B41696A7477Q009 B41796A7108Q000 |
Axial-Lead and Soldering Star Capacitors 轴向引线的焊接星电容
|
EPCOS AG
|
B41695 |
(B41695 / B41795) Axial-Lead and Soldering Star Capacitors
|
EPCOS
|
7160 7161 7156 7163 7151 7154 7155 7157 7159 7162 |
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps Submicro Axial Lead LampMicro Axial Lead LampsAxial Lead Lamps
|
GILWAY[Gilway Technical Lamp]
|
7154 7155 7156 7151 7161 7163 7162 7160 7157 7159 |
Submicro Axial Lead Lamp/Micro Axial Lead Lamps/Axial Lead Lamps Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps 亚微米轴向引线灯,灯微轴向引线,轴向引线
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
BL-XY0361-F8 BL-XA1361-F8 BL-XGD361-F8 BL-XKB361-F |
Yellow, 30 mA, axial LED lamp with Yoke lead Amber, 30 mA, axial LED lamp with Yoke lead Super yellow green, 30 mA, axial LED lamp with Yoke lead Super yellow, 30 mA, axial LED lamp with Yoke lead Super red, 30 mA, axial LED lamp with Yoke lead Super orange red, 30 mA, axial LED lamp with Yoke lead Pure green, 30 mA, axial LED lamp with Yoke lead Bluish green, 30 mA, axial LED lamp with Yoke lead Super amber, 30 mA, axial LED lamp with Yoke lead
|
Yellow Stone Corp
|
FR1101C-M-TR |
Lead-free soldering compatible
|
STANLEY ELECTRIC CO.,LT...
|
VFHD1111CS-3B83A-TR |
Lead-free soldering compatible
|
STANLEY ELECTRIC CO.,LT...
|