PART |
Description |
Maker |
SM99122B2E12.288000MHZ SM99122B2E12.441600MHZ SM99 |
CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.4416 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.352 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.31818 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 19.44 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 20.16 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.33333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.33 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36.864 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 38.912 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 54 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 39.3984 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 43.18 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.22 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 42 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 46 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48.933 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 5 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.2222 MHz, CMOS OUTPUT
|
Merrimac Industries, Inc.
|
MC14504BCL MC14504B MC14504BCP ON0893 MC14504BD |
From old datasheet system ORDERING INFORMATION Hex Level Shifter for TTL to CMOS or CMOS to CMOS
|
Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi
|
VTC1 VTC1-B02C-10M00 VTC1-J03A-11M2896 VTC1-J03A-1 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT TCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCXO, CLOCK, 12.504 MHz, CMOS OUTPUT TCXO, CLOCK, 10.001355 MHz, CMOS OUTPUT TCXO, CLOCK, 12 MHz, CMOS OUTPUT TCXO, CLOCK, 12.288 MHz, CMOS OUTPUT TCXO, CLOCK, 10.24 MHz, CMOS OUTPUT TCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCXO, CLOCK, 11.0592 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
TC55V8512J-15 TC55V8512J-12 TC55V8512FT-15 TC55V85 |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS From old datasheet system (TC55V8512J/FT) 8-Bit CMOS SRAM 524,288-WORD BY 8-BIT CMOS STATIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SM1120BDE SM1120BDS SM1120BDV SM1120BDW SM1120BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|