PART |
Description |
Maker |
HY62LF16404C HY62LF16404C-I |
x16|2.5V|70/85|Super Low Power Slow SRAM - 4M x16 | 2.5V的| 70/85 |超级低功耗SRAM的速度 4 256Kx16bit full CMOS SRAM
|
Alpha Industries, Inc. Hynix Semiconductor
|
HY62LF16806A-SMC HY62LF16806A-DMC HY62LF16806A-DMI |
x16|2.5V|70/85/100|Super Low Power Slow SRAM - 8M x16 | 2.5V的| 70/85/100 |超级低功耗SRAM的速度 800 512Kx16bit full CMOS SRAM
|
Alpha Industries, Inc. Hynix Semiconductor
|
HY62LF16201ALLF-85 HY62LF16201ALLF-85I HY62LF16201 |
Super Low Power Slow SRAM - 2Mb x16 SRAM
|
Hynix Semiconductor
|
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
M68AR016DN70ZB1T M68AR016DN70ZB6T M68AR016DN70ZH1T |
1M X 16 STANDARD SRAM, 70 ns, PBGA48 16 MBIT (1M X16) 1.8V ASYNCHRONOUS SRAM 16 Mbit 1M x16 1.8V Asynchronous SRAM 16 MBIT (1M X16) 1.8V ASYNCHRONOUS SRAM Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:28-17 RoHS Compliant: No AB 7C 3#8 4#12 PIN RECP 1600万x16 1.8异步SRAM ER 12C 12#16 SKT RECP LINE 1600万x16 1.8异步SRAM AB 12C 12#16 SKT RECP 1600万x16 1.8异步SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
N02L63W3AB25I N02L63W3AB5IT N02L63W3A |
2 Mb Ultra-Low Power Asynchronous CMOS SRAM 2 Mb, 3 V Low Power SRAM; Package: BGA; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 128K X 16 STANDARD SRAM, 70 ns, PBGA48 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 16bit
|
ON Semiconductor
|
MB84VD22398EJ-90 MB84VD22398EJ-85 MB84VD2239XEJ-85 |
32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM 2-Stacked MCP
|
SPANSION[SPANSION] Fujitsu
|
M36W416TG-ZAT M36W416BGZA M36W416BG70ZA1T M36W416B |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
ST Microelectronics
|
AS6UA5128 AS6UA5128-BC AS6UA5128-BI |
2.3V to 3.6V 512K x 8 Intelliwatt low-power CMOS SRAM 2.3V to 3.6V 512K Intelliwatt low-power CMOS SRAM 2.3V.6V的为512k Intelliwatt低功耗CMOS SRAM 2.3V to 3.6V 512K×8 Intelliwatt Low-Power CMOS SRAM(2.3V 3.6V 512K×8 Intelliwatt 低功CMOS 静态RAM) 2.3V to 3.6V 512K8 Intelliwatt low-power CMOS SRAM 2.3V to 3.6V 512K】8 Intelliwatt low-power CMOS SRAM
|
Alliance Semiconductor Corporation SEMICOA[Semicoa Semiconductor]
|
MB84VD23180FM |
64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM 6400(x16)的快闪记忆体和4M(x16)的静态RAM
|
Spansion, Inc.
|