PART |
Description |
Maker |
MAX7408/MAX7411/MAX7412/MAX7415 |
5th-Order Lowpass Elliptic Switched-Capacitor
|
Maxim Integrated Products, Inc.
|
MAX7400/403/404/407 |
8th-Order Lowpass Elliptic Switched-Capacitor Filters
|
Maxim Integrated Products, Inc.
|
LTC1066-1CS |
14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
|
Linear Technology Corporation
|
2903-S |
140 MHz Elliptic Bandpass
|
KR Electronics, Inc.
|
2915 |
60 MHz elliptic bandpass filter
|
KR Electronics, Inc.
|
2839 |
25 MHz elliptic bandpass filter
|
KR Electronics, Inc.
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
TM3005 |
100 MHz - 450 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SPECTRUM CONTROL INC
|
JYDC-ED11474/1 |
30 MHz - 450 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX CASE BJ293, 8 PIN
|
Mini-Circuits
|