PART |
Description |
Maker |
HD74HC125FPEL HD74HC125 HD74HC125P HD74HC125TELL H |
Quad. Bus Buffer Gates (with 3-state outputs)
|
Renesas Electronics Corporation
|
RD74LVC125BFPEL RD74LVC125BTELL RD74LVC125B |
Standard IC>General-Purpose Logics>HD/RD74LVC Series Quad. Bus Buffer Gates with 3-state Outputs
|
Renesas Electronics Corporation
|
RD74LVC126B RD74LVC126BFPEL RD74LVC126BTELL |
Standard IC>General-Purpose Logics>HD/RD74LVC Series Quad. Bus Buffer Gates with 3-state Outputs
|
Renesas Electronics Corporation
|
AME8812CEEV AME8812LEEV AME8801SEEV AME8840NEEV AM |
Belden RG-59/U Coaxial Cable, Wire Size: 20 AWG, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: 40 % Aluminum Braid, Jacket: PVC Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 300mA的CMOS低压 300mA CMOS LDO 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Analog Microelectronics Central Semiconductor, Corp. AME, Inc.
|
SN74AHCT12 |
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
|
TI
|
AME8811OEFT AME8811OEAT AME8800JEEV AME8800KEAT AM |
CAPACITOR, BESTCAP 33 MILLI FARAD 9V CAPACITOR, BESTCAP 33 MILLI FARAD 9V; CAPACITANCE:33MF; VOLTAGE RATING, DC:9V; CAPACITOR DIELECTRIC TYPE:ELECTRONIC; SERIES:BESTCAP; TEMP, OP. MAX:75(DEGREE C); TEMP, OP. MIN:-20(DEGREE C); RoHS Compliant: Yes 300mA CMOS LDO 300mA的CMOS低压 AB 16C 16#16 PIN PLUG 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 300mA的CMOS低压
|
AME, Inc.
|
MC74LVX125 |
Quad Bus Buffer
|
ON Semiconductor
|
TC74VHC125FK12 TC74VHC125FT12 TC74VHC126FK12 TC74V |
Quad Bus Buffer
|
Toshiba Semiconductor
|
TC74VHCT126AF12 TC74VHCT126AFK12 TC74VHCT126AFT12 |
Quad Bus Buffer
|
Toshiba Semiconductor
|
MC74VHC125-17 |
Quad Bus Buffer
|
ON Semiconductor
|
MC74LVX125DTR2 MC74LVX125DTG |
Quad Bus Buffer, 3 State; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 LV/LV-A/LVX/H SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad Bus Buffer, 3 State; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 LV/LV-A/LVX/H SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
ON Semiconductor
|