PART |
Description |
Maker |
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GTLP18T612G GTLP18T612GX GTLP18T612MEAX GTLP18T612 |
18-Bit LVTTL/GTLP Universal Bus Transceiver BUS TRANSCEIVER|SINGLE|18-BIT|CMOS|TSSOP|56PIN|PLASTIC
|
FAIRCHILD SEMICONDUCTOR CORP
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
IDT74ALVCH32245BF IDT74ALVCH32245 IDT74ALVCH32245B |
From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V的CMOS 32位总线收发器和三态输出和总线状态保 Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 ALVC/VCX/A SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AV16601DGG |
18-bit universal bus transceiver 3-State ALVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V.
|
74ALVCH162245 ACH162245DL ACH162245DGG 74ALVCH1622 |
Quadruple Bus Buffer Gates With 3-State Outputs 14-PDIP -40 to 85 16-bit bus transceiver with direction pin and 30Ω termination resistor (3-State)(0Ω终端电阻器和定向引脚16位总线收发器(三态)) JT 18C 18#20 PIN PLUG 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74VCXH32245LBR 74VCXH32245 74VCXH32245LB |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER(3-STATE) WITH 3.6V TOLERANT INPUT AND OUTPUT LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 低电压CMOS 32位总线收发器(3 - TOLERANTAT国家.6V的输入和输出
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74LCXH16245 74LCXH16245G 74LCXH16245MTD 74LCXH1624 |
BUS TRANSCEIVER|DUAL|8-BIT|LCX-CMOS|BGA|54PIN|PLASTIC LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA54 Low Voltage 16-Bit Bidirectional Transceiver with Bushold Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT16245 74ABT16245CMTD 74ABT16245CSSC 74ABT1624 |
16-Bit Transceiver with 3-STATE Outputs Dual 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
74ABTH162245ADL 74ABTH162245ADGG 74ABT162245ADL 74 |
16-Bit bus transceiver with 30W series termination resistors (3-State) 16-Bit bus transceiver with 30ohm series termination resistors 3-State 16-bit bus transceiver with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. Philips
|