Part Number Hot Search : 
D1092 00BGXI 74HC485 SFBSX21 74F283SC H7611 HT7627 SDHD7
Product Description
Full Text Search

HVC08R - (HVC Series) 100mA High Voltage Silicon Rectifiers

HVC08R_2593689.PDF Datasheet

 
Part No. HVC08R
Description (HVC Series) 100mA High Voltage Silicon Rectifiers

File Size 166.74K  /  2 Page  

Maker

International Semiconductor



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: HVC316
Maker:
Pack:
Stock:
Unit price for :
    50: $0.04
  100: $0.04
1000: $0.04

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ HVC08R Datasheet PDF Downlaod from Datasheet.HK ]
[HVC08R Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for HVC08R ]

[ Price & Availability of HVC08R by FindChips.com ]

 Full text search : (HVC Series) 100mA High Voltage Silicon Rectifiers


 Related Part Number
PART Description Maker
2SC4630LS NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications
900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
Sanyo Semicon Device
BCD2X BCD3X BCD1X (BCD Series) 100mA Silicon Cartridge Rectifiers
Electronic Devices
DTC114EMT2L DTC114EKAT146 DTC114EUAT106 DTC114EUB DTC114E series
NPN 100mA 50V Digital Transistors
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Rohm
JB289 35kV 100mA HIGH VOLTAGE DIODE
GETAI ELECTRONICS DEVIC...
2CL2FP 30kV 100mA HIGH VOLTAGE DIODE
getedz electronics
2CL2H 12kV 100mA HIGH VOLTAGE DIODE
getedz electronics
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3
3-pin Low Power Loss Voltage Regulato r(100mA Type)
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation
Series 3-Pin Low Power Loss Voltage Regulator
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation
3-pin Low Power Loss Voltage Regulato (100mA Type)
Panasonic, Corp.
Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
CAT661 100mA High Frequency DC-DC Voltage Converter (25kHz, 135kHz)
Catalyst Semiconductor
SC446 High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
Semtech Corporation
LM78105M LM78105Z LM78106M LM78106Z LM78108M LM781 7-3920V 100mA positive voltage regulator
8-20V 100mA positive voltage regulator
10.5-23V 100mA positive voltage regulator
11.5-24V 100mA positive voltage regulator
BayLinear
EVNB679 EVNB679-D-00A 26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
Monolithic Power System...
LT1976 LT1976EFE LT1976IFE 1976F From old datasheet system
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LINER[Linear Technology]
 
 Related keyword From Full Text Search System
HVC08R maxim HVC08R byte HVC08R Filter HVC08R circuit HVC08R Timer
HVC08R filetype:pdf HVC08R uncooled cel HVC08R epitaxial HVC08R battery charger circuit HVC08R pitch
 

 

Price & Availability of HVC08R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.32680988311768