PART |
Description |
Maker |
2SC2782 2SC2792 E000765 |
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE/ HIGH SPEED DC-DC CONVERTER APPLICATIONS) VHF BAND POWER AMPLIFIER APPLICATIONS TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
FOD250LTV FOD050LR1 FOD050LR1V FOD050LV FOD053L FO |
8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us 3.3V
|
Fairchild Semiconductor
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
6N135M-V HCPL2503W HCPL4502SDV HCPL2531WV HCPL4502 |
8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler; Package: DIP-B; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler; Package: SMDIP-B; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 8-Pin DIP 1Mbit/s Dual-Channel High Speed Transistor Output Optocoupler; Package: DIP-B; No of Pins: 8; Container: Bulk High Speed Transistor Optocouplers High Speed Transistor Optocouplers
|
Everlight Electronic Co., Ltd. Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
KTC4527 KTC4527F |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA) 三重扩散NPN晶体管(高电压和RELLABILITY高速开关,级SOA TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
KTC4526 |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
|
KEC Holdings KEC(Korea Electronics)
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|