PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C187 CY7C187-15PC CY7C187-15VC CY7C187-20PC CY7 |
64K x 1 Static RAM 64K X 1 STANDARD SRAM, 15 ns, PDIP22 64K x 1 Static RAM 64K的1静态RAM Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MCM6323AYJ10 MCM6323AYJ10R SCM6323AYJ10A SCM6323AY |
64K X 16 bit 3,3V asynchronous fast static RAM ER 3C 3#12 PIN PLUG RoHS Compliant: No 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 64K x 16 Bit 3.3 V Asynchronous Fast Static RAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
IS61SP6464 61SP6464 IS61SP6464-100TQ |
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM 64K X 64 CACHE SRAM, 5 ns, PQFP128
|
ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc INTEGRATED SILICON SOLUTION INC
|
CY7C187-15PXC CY7C187-25VXC CY7C187-35VXC |
64K x 1 Static RAM 64K X 1 STANDARD SRAM, 35 ns, PDSO24
|
Cypress Semiconductor, Corp.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IS61LP6B436A-166TQLBI IS61LP6436A IS61LP6436A-133T |
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc
|
CY7C195-12LC CY7C195-15LC CY7C195-15LMB CY7C194-12 |
64K x 4 Static RAM 64K X 4 STANDARD SRAM, 25 ns, PDSO28 64K x 4 Static RAM 64K X 4 STANDARD SRAM, 25 ns, PDIP28 64K x 4 Static RAM 64K X 4 STANDARD SRAM, 15 ns, PDIP28 x4 SRAM
|
Cypress Semiconductor, Corp.
|
IS62WV6416DALL/DBLL IS65WV6416DALL/DBLL IS62WV6416 |
64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 64K X 16 STANDARD SRAM, 35 ns, PBGA48
|
Integrated Silicon Solution, Inc INTEGRATED SILICON SOLUTION INC
|
MCM67B618B MCM67B618BFN9 |
MCM67B618B 64K X 18 Bit BurstRAM Synchronous Fast Static RAM 64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write From old datasheet system
|
Motorola, Inc
|