PART |
Description |
Maker |
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
UPD17053 |
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
|
http://
|
UPD17052 UPD17052CW |
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
|
NEC[NEC]
|
UPD17052 UPD17052CW |
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER 片上图像显示控制器的4位单片机的电压合
|
NEC, Corp. http://
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
TH50VSF4682AASB TH50VSF4683AASB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
TH50VSF2583AASB |
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
Toshiba Semiconductor
|
21103 |
AMD-K6 Processor Family Thermal Solutions Application Note AMD-K6 Processor Power Supply Design Application Note 的AMD - K6处理器系列散热解决方案应用指南的AMD - K6处理器电源设计应用指
|
Welwyn Components, Ltd.
|
WEDPNF8M722V-1010BC WEDPNF8M722V-1015BC WEDPNF8M72 |
8Mx72 Synchronous DRAM 16Mb Flash Mixed Module Multi-Chip Package
|
WEDC[White Electronic Designs Corporation]
|