PART |
Description |
Maker |
UPD29F800ALGZ-C15B-MJH UPD29F800ALGZ-C15T-MJH UPD2 |
XWAY TANTOS DUAL OPERATION FLASH MEMORY 32M BITS A SERIES Information | Information[10/2002] EEPROM|FLASH|512KX16/1MX8|CMOS|TSSOP|48PIN|PLASTIC 的EEPROM | FLASH动画| 512KX16/1MX8 |的CMOS | TSSOP封装| 48PIN |塑料
|
NEC, Corp. 3M Company
|
AT76C506 |
AT76C506 single-chip MAC and Baseband with low power ARM7TDMIRISC processor, PCI Bus Interface (compliant with PCI v2.2 and PCI Power Management Specification v1.1), integrated 6K x 32-bit Internal SRAM, 160-pin CABGA Package, 3.3V opera
|
Atmel
|
IDT72815LB IDT72835LB IDT72805LB IDT72845LB IDT728 |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS DUAL SyncFIFO?
|
IDT[Integrated Device Technology]
|
HCF4518 HCF4518B HCF4518BC1 HCF4518BEY HCF4518BF H |
Dual Up-Counters(???璁℃??? DUAL UP-COUNTERS 双向上计数器 Replaced by SN54S74 : Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CDIP -55 to 125 Dual Up-Counters(双加计数
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
LM1458 LM1458CM LM1458CN LM1458M LM1458N LM1458_LM |
Dual Operational Amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, PDIP8 IC,OP-AMP,DUAL,BIPOLAR,DIP,8PIN,PLASTIC From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
FAN5236QSC |
Dual Mobile-Friendly DDR / Dual-output PWM Controller DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO28
|
Fairchild Semiconductor, Corp.
|
CY7C09369A-9AC CY7C09269A CY7C09269A-12AC CY7C0926 |
16K x16/18 Synchronous Dual Port Static RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Memory : Dual-Ports
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
HCF4520 9051 HCF4520M013TR HCF4520B HCF4520BEY HCF |
DUAL UP-COUNTERS DUAL UP-COUNTERS From old datasheet system DUAL BINARY UP COUNTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
CY7C0241 CY7C0251 7C024 CY7C025-25JC CY7C025-55AC |
x16 Dual-Port SRAM x16双端口SRAM x18 Dual-Port SRAM x18双端口SRAM From old datasheet system 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with Sem, Int, Busy
|
Cypress Semiconductor, Corp. Omron Electronics, LLC
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|