PART |
Description |
Maker |
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTTD2P02R2-D NTTD2P02R2/D |
Power MOSFET -2.4 Amps-20 Volts Power MOSFET -2.4 Amps, -20 Volts Dual P-Channel Micro8
|
ON Semiconductor
|
NTMD2P01R2 NTMD2P01R2-D |
Power MOSFET -2.3 Amps, -16 Volts Dual SO-8 Package Power MOSFET -2.3 Amps, -16 Volts Dual SO Package(-2.3A16V,双通道SO-8封装的功率MOSFET) 2.3 A, 16 V, 0.1 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
NTD85N02RT4G NTD85N02R NTD85N02R-001 NTD85N02R-1G |
Power MOSFET 85 Amps, 24 Volts N-Channel DPAK 85 A, 24 V, 0.0052 ohm, N-CHANNEL, Si, POWER, MOSFET Power Mosfet 85 A, 24 V, N-Channel DPAK Power MOSFET 85 Amps / 24 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
MTY20N50E |
N?Channel Power MOSFET Power MOSFET 20 Amps, 500 Volts
|
ON Semiconductor
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
MTD20N06HDLT4 |
Power MOSFET 20 Amps, 60 Volts, Logic Level N−Channel DPAK 20 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
MMDF2C03HDR2G |
Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual 4.1 A, 30 V, 0.07 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
|