PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
DHC2800S DHC2803SE DHC2803SH DHC2805SE DHC2805SK |
5V, 6W DC-DC converter 3.3V, 6W DC-DC converter 6W DC-DC Converter(输出功率6W,高隔离电压的DC-DC转换 6W的DC - DC转换器(输出功率6W,高隔离电压的的DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
BH2223FV |
Video LSIs > For DVC > Tuning D/A converter 8bit 10ch D/A converter
|
ROHM[Rohm]
|
AFL5005DY/HB AFL5005DZ/HB AFL5015DW/HB AFL5015DY/H |
Hi-Rel DC-DC Standard Dual Converter in a AFL package DC to DC Converter DC至DC转换
|
International Rectifier, Corp.
|
BH2220FVM |
Video LSIs > For DVC > Tuning D/A converter 8bit 3ch D/A converter
|
Rohm
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
DC/DCTMV-1212S DC/DCTMV-1205S DC/DCTMV-2405D DC/DC |
DC/DC Converter 1Watt(41.50 k) 直流/直流转换瓦(41.50十一 DC/DC Converter 2-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
TRACO ELECTRONIC AG
|
UPC2721 UPC2721GR-E1 UPC2721GR-E2 UPC2721GV-E1 UPC |
RF/MICROWAVE DOWN CONVERTER, 7 dBm OUTPUT POWER-MAX GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
|
NEC Corp. NEC[NEC]
|
HA16116FP HA16116FPJ HA16121FP HA16121FPJ |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|
KWD-1205 KWD-1205T KWD-1212 KWS-1205 KWS-1209T KWS |
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|