PART |
Description |
Maker |
MAX6319MHUK-T MAX6318MHUK-T MAX6318HUK-T MAX6320PU |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 5-Pin μP Supervisory Circuits with Watchdog and Manual Reset 5-Pin 渭P Supervisory Circuits with Watchdog and Manual Reset 5-Pin 楼矛P Supervisory Circuits with Watchdog and Manual Reset
|
Maxim Integrated Products, Inc.
|
2SB0928A 2SB0928 2SB928A 0263 2SB928P 2SB928Q 2SB0 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 2A I(C) | TO-262VAR Dual/Triple-Voltage µP Supervisory Circuits From old datasheet system Power Transistors
|
Panasonic, Corp. TE Connectivity, Ltd. Matsshita / Panasonic
|
2SB1205 2SB1205R 2SB1205S 2SB1205T |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-252 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Strobe High-Current Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
2SA1647 2SA1647-Z 2SA1647-ZK 2SA1647-ZM 2SA1647-ZL |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-252 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset SILICON POWER TRANSISTOR From old datasheet system
|
NEC, Corp. NEC Corp.
|
MAX824L MAX824M |
5-Pin Microprocessor Supervisory Circuits(复位门限4.38V,5管脚μP监控电路,具看门狗输入和高有效复 5-Pin Microprocessor Supervisory Circuits(复位门限4.63V,5管脚μP监控电路,具看门狗输入和高有效复 5引脚、微处理器监控电路,带有看门狗定时器及手动复
|
Maxim Integrated Products, Inc.
|
ADM8690ANZ ADM8690-15 ADM8692-15 ADM8691-15 |
uP Supervisory Circuit, 8-Pin DIP; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Microprocessor Supervisory Circuits
|
Analog Devices, Inc.
|
2SA715C 2SA715B 2SA715D |
2500 mA, 35 V, PNP, Si, SMALL SIGNAL TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 2.5A I(C) | TO-126 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 2.5AI(丙)|26 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
HIROSE ELECTRIC Co., Ltd.
|
12DT5D 12AT9S 12AT12D 12AT12S 12AT15D 12AT15S 5DT9 |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Analog IC 模拟IC
|
Vishay Intertechnology, Inc.
|
2SA1645-Z 2SA1645 2SA1645-Z-E1 2SA1645-ZK 2SA1645- |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 7 A, 100 V, PNP, Si, POWER TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING PNP epitaxial type silicon transistor
|
NEC, Corp. NEC Corp. NEC[NEC]
|
70I-1A 70D-5A 70X-2/10A 72A-DUMMY 70L-6A 70M-8A 70 |
3-Pin Microprocessor Reset Circuits Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference 3.0V/3.3V Microprocessor Supervisory Circuits Telpower? Indicating Fuse and Holder 300 Volts DC ?1/10-10A Telpower Indicating Fuse and Holder
|
Cooper Bussmann, Inc.
|
2N2311 2N2314 2N2364A 2N2317 2N2310 2N2353A 2N2352 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 500MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | TO-46 晶体管|晶体管|叩| 100V的五(巴西)总裁| 500mA的一(c)|的TO - 46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Central Semiconductor, Corp.
|