PART |
Description |
Maker |
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V800-150XM1TR M27V800 M27V800-100B1TR M27V800-1 |
NND - 8 MBIT (1MB X8 OR 512KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM 8兆x812KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C1001-12XBTR M27C1001-12XFTR M27C1001-25XBTR M2 |
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM 1兆位128千位× 8)紫外线存储器和OTP存储 1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM 1兆位28千位× 8)紫外线存储器和OTP存储
|
意法半导 STMicroelectronics N.V.
|
M27C64A-30F6 M27C64A-10F6 M27C64A-10K6 M27C64A-10F |
64 Kbit (8Kb x8) UV EPROM and OTP EPROM 64千位KB的8)紫外线存储器和OTP存储
|
意法半导 STMicroelectronics N.V.
|
M27W202-100K6 |
2 MBIT (128KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27C322 |
32 MBIT (2MB X16) UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27C32206 M27C322 M27C322-80F3 M27C322-80F1 M27C32 |
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C160-100F1 M27C160-100F6 M27C160-50F1 M27C160-5 |
16 MBIT (2MB X8 OR 1MB X16) UV EPROM AND OTP EPROM 16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|