PART |
Description |
Maker |
K7A403609A K7A401809A K7A403609B |
256K x 18-Bit Synchronous Pipelined Burst SRAM Data Sheet 128K x 36-Bit Synchronous Pipelined Burst SRAM Data Sheet 128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K7N403601B K7N403601B-QC13 K7N403609B-QC20 K7N4018 |
128Kx36 & 256Kx18 Pipelined NtRAMTM 256 Megabit, 3.0 Volt-only Page Mode Flash Memory 128Kx36 & 256Kx18 Pipelined NtRAM 128K × 36
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
K7N401801B-QC13 K7N403601B-QC13 K7N403601B-QI13 K7 |
128Kx36 & 256Kx18 Pipelined NtRAM
|
http:// Samsung semiconductor
|
IDT71P74104S167BQ IDT71P74104S200BQ IDT71P74104S25 |
1.8V 512K x 36 QDR II PipeLined SRAM 1.8V 2M x 9 QDR II PipeLined SRAM 1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 2M x 8 QDR II Pipelined SRAM 18Mb Pipelined QDR II SRAM Burst of 4
|
IDT http://
|
KM718V849 KM736V749 |
(KM736V749 / KM718V849) 128Kx36 & 256Kx18 Pipelined NtRAM
|
Samsung Semiconductor
|
K7N403601B |
(K7N401801B / K7N403601B) 128Kx36 & 256Kx18 Pipelined NtRAM
|
Samsung semiconductor
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
CY7C1351 7C1351 CY7C1351-66AC 7C1351-40 7C1351-50 |
128Kx36 Flow-Through SRAM with NoBL TM Architecture From old datasheet system 128Kx36 Flow-Through SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|