PART |
Description |
Maker |
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
SST4117A SST4118A |
1-Mb (128K x 8) Static RAM 1-Mbit (64K x 16) Static RAM 晶体管|场效应| N沟道| 80uA电流我(直)| SOT - 23封装
|
Electronic Theatre Controls, Inc.
|
CYK001M16ZCCAU-70BAI CYK001M16ZCCA CYK001M16ZCCAU- |
1M X 16 PSEUDO STATIC RAM, 55 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM CAP 1000PF 1000V 5% NP0(C0G) SMD-1812 TR-7 PLATED-NI/SN 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
CY62148DV30L CY62148DV30L-55ZSXI CY62148DV30LL CY6 |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
Y30-48S5-12-JI Y30-24S5-12-JI Y30-24S5-15 Y30-48S5 |
CY62148E MoBL® 4-Mbit (512K x 8) Static RAM 5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISR™ High-Performance CPLDs 模拟IC MoBL® 8-Mbit (512K x 16) Static RAM 模拟IC MoBL® 2-Mbit (128K x 16) Static RAM 模拟IC
|
SIEMENS AG ITT, Corp. Aimtec
|
M24L216128SA-70BEG M24L216128SA-70BIG M24L216128SA |
128K X 16 PSEUDO STATIC RAM, 55 ns, PDSO44 0.400 INCH, LEAD FREE, TSOP2-44 2-Mbit (128K x 16) Pseudo Static RAM
|
Sharp Electronics, Corp. Elite Semiconductor Memory Technology Inc.
|
AM49LV4608MB15IS AM49LV4608MT10IT AM49LV6408MB10I |
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
|
SPANSION[SPANSION]
|
CY7C1021CV33-12ZSXE CY7C1021CV33-12ZSXET |
1-Mbit (64 K 16) Static RAM
|
Cypress
|
CY7C1069DV33-10BVXI CY7C1069DV33-10BVXIT CY7C1069D |
16-Mbit (2 M 8) Static RAM
|
Cypress
|
CY62167EV18LL-55BVI CY62167EV30LL-45BVI CY62167EV1 |
16 Mbit (1M x 16) Static RAM
|
Cypress Semiconductor
|