PART |
Description |
Maker |
CD214C-F3200 CD214C-F3400 |
CD214C-F350~F3600 Fast Response Rectifiers 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Bourns Inc. Bourns, Inc.
|
CD214C-R3100 CD214C-R31000 CD214C-R3800 CD214C-R32 |
CD214C-R350~R31000 Glass Passivated Rectifiers
|
BOURNS[Bourns Electronic Solutions]
|
CD214C-T33A CD214C-T30CA CD214C-T33CA CD214C-T60CA |
CD214C Transient Voltage Suppressor Diode Series 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CD214C Transient Voltage Suppressor Diode Series 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Bourns Inc. Bourns, Inc.
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
10BF20 10BF80 10BF10 10BF40 10BF60 10BF100 10BF100 |
DIODE 1 A, 600 V, SILICON, SIGNAL DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Signal Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 1000V 1A Ultra-Fast Discrete Diode in a SMB package 100V 1A Ultra-Fast Discrete Diode in a SMB package 200V 1A Ultra-Fast Discrete Diode in a SMB package 400V 1A Ultra-Fast Discrete Diode in a SMB package 600V 1A Ultra-Fast Discrete Diode in a SMB package 800V 1A Ultra-Fast Discrete Diode in a SMB package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|