PART |
Description |
Maker |
AM29DL164D |
(AM29DL16xD) 16 Megabit (2 M X 8-Bit/1 M X 16-Bit) Boot Sector
|
AMD
|
M420000004 M420000006 M420000007 M42000000I M42000 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
S29GL032N90TFI040 S29GL032N90TFI042 S29GL032N90TFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION
|
S29GL01GP S29GL-P12 S29GL01GP11TFIR20 S29GL256P90T |
1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology MirrorBit? Flash Family MirrorBit? Flash Family
|
SPANSION
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71GL064B0 EN71GL064B0-70CWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64 Megabit (4M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
EN71NS128C0 EN71NS128C0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM27C1024 AM27C1024-120DC5 AM27C1024-120DC5B AM27C |
Quad 2-input exclusive-NOR gates with open collector outputs 14-SOIC 0 to 70 Quad 2-input exclusive-NOR gates with open collector outputs 14-PDIP 0 to 70 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 64K X 16 UVPROM, 55 ns, CDIP40 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SO 0 to 70 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位65亩16位)的CMOS存储 64K X 16 UVPROM, 70 ns, CDIP40 1 megabit CMOS EPROM
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC SPANSION LLC
|
AT45DB011-JC 45DB011B AT45DB011-XC AT45DB011-XI AT |
1-Megabit 2.7-volt Only Serial DataFlash 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO14 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PQCC32 1-Megabit 2.7-volt Only Serial DataFlash 1M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|