PART |
Description |
Maker |
ADM1818 ADM1811 ADM1813 ADM1815 ADM1816 |
Microprocessor Supervisory in SOT-23 with Manual Push Button Option Microprocessor Supervisory in SOT-23 with Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices
|
Analog Devices
|
ADM1815-10AKS-REEL ADM1815-10AKS-RL7 ADM1815-10ART |
Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output Microprocessor Supervisory in SOT-23 with Open Drain Output Choices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ANALOG DEVICES INC
|
ADM6315 |
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
|
Analog Devices, Inc. AD[Analog Devices]
|
ADM6315-26D3ARTZR7 ADM6315-26D4ART-RL |
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
|
Analog Devices
|
NC7WZ07P6X NC7WZ07 NC7WZ07L6X |
TinyLogic UHS Dual Buffer (Open Drain Outputs) LVC/LCX/Z SERIES, DUAL 1-INPUT NON-INVERT GATE, PDSO6 TinyLogic UHS Dual Buffer (Open Drain Outputs) TinyLogic UHS Dual Buffer (Open Drain Outputs)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M54HC07 M54HC07F1R M74HC07C1R M74HC07B1R M74HC07M1 |
HEX BUFFER OPEN DRAIN HEX BUFFER (OPEN DRAIN) From old datasheet system
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
IDT74LVC07A IDT74LVC07ADC IDT74LVC07APG IDT74LVC07 |
3.3V CMOS HEX Buffer/Driver with Open-Drain Outputs and 5.0V Tolerant I/O 3.3V CMOS HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS AND 5 VOLT TOLERANT I/O Adjustable Precision Shunt Regulator 6-SC70 -40 to 85
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
NL37WZ06US NL37WZ06 |
Triple Inverter, Open Drain Triple Inverter with Open Drain Outputs
|
ONSEMI[ON Semiconductor]
|
74AHCT1G06GV 74AHC1G06GV |
Inverter with open-drain output Inverter with open drain output 漏极开路输出的反相
|
NXP Semiconductors N.V.
|
NC7SP05 NC7SP05L6X NC7SP05P5X |
TinyLogic ULP Inverter (Open Drain Output) TinyLogic ULP Inverter (Open Drain Output)
|
FAIRCHILD[Fairchild Semiconductor]
|
FM803RS3X FM803SS3X |
2.63V, Active Low Open Drain Precision Reset Generator Circuit 2.93V, Active Low Open Drain Precision Reset Generator Circuit
|
Fairchild Semiconductor
|