PART |
Description |
Maker |
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MAX547AEQH-D MAX5443BCUA MAX5444BCUBT MAX5361PEUKT |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD557JP-REEL7 AD557JNZ AD557-15 |
DACPORT Low Cost, Complete µP-Compatible 8-Bit DAC PARALLEL, 8 BITS INPUT LOADING, 0.8 us SETTLING TIME, 8-BIT DAC, PQCC20 DACPORT Low Cost, Complete μP-Compatible 8-Bit DAC DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
|
Analog Devices, Inc.
|
AD5382BST-3-REEL AD5384BBC-5 AD5382BST-5 AD5383BST |
CONNECTOR ACCESSORY 32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100
|
Analog Devices, Inc.
|
ADV7128KR30 ADV7128KR50 ADV7128KR80 |
CMOS 80 MHz/ 10-Bit Video DAC CMOS 80 MHz, 10-Bit Video DAC PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PDSO28
|
Analog Devices, Inc.
|
MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B MMBZ5245B |
Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 11 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 10 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 8.7 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 7.5 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 4.3 V. Test current 20.0 mA. 3-26V Dual Operational Amplifier, Ta = -40 to 105°C; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 5-30V Single Comparator, Ta = -25 to 85°C- Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 2-36V Dual Comparator, Ta= -40 to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 0.5A, 5V, 52kHz Buck PWM Switching Regulator; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 表面贴装稳压二极 3-26V Quad Operational Amplifier, Ta= -40 to 105°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 表面贴装稳压二极 Small Signal Bias Resistor Transistor SC75 NPN 50V; Package: SC-75 (SOT-416) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 Ultra High Speed Switching Diode SC88; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 6.2 V. Test current 20.0 mA. Surface nount zener diode. 350 mW. Nominal zen. Vltg @ Izt Vz 5.6 V. Test current 20.0 mA. SURFACE MOUNT ZENER DIODES
|
Shanghai Lunsure Electronic... Chenyi Electronics CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司 Shanghai LUNSURE Electronic Technology Co., Ltd. 涓?捣???绉???????? Shanghai Lunsure Electr...
|
|