PART |
Description |
Maker |
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
FLT007A0-SR FLT007A0-SRZ FLT007A0 FLT007A0Z |
75Vdc Input Voltage Maximum, 7A Output Current Maximum
|
Lineage Power Corporation
|
2N5952 2N5952D74Z |
N-Channel RF Amplifier N-Channel RF Ampifier BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 8; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 20 dB; VSWR: 1.50 MAXIMUM; MAXIMUM INSERTION
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
144-TQFP 144TQFP |
Logic Signal Connections
|
Lattice Semiconductor
|
10236-6202PL |
Comprehensive Solutions for Reliable Connections
|
3M Electronics
|
L155120F L65120F L31120F L31240F L512F L251280F L3 |
SCR Low Profile Designed for PCB Connections Low Profile Designed for PCB Connections
|
ETC CYNERGY3 CORP http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
MESC-PM1 |
Enhanced Services ControllerPerformance Monitor - 127 Connections(可执行检27个连接的增强型服务控制器)
|
Lineage Power
|
72974 |
High bandwidth, small size, and durability for confident connections
|
Pomona Electronics
|
2700008 |
Think & Do 8 (latest version) four concurrent web connections, parallel port key
|
PHOENIX CONTACT
|
MRG2130 |
Transmission cable is used for low and high power radio frequency connections
|
List of Unclassifed Man...
|
CRIMPFOX-ZA-5 |
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
|
PHOENIX CONTACT
|
0334520000 |
Special terminal, special connections, 4 mm2, Screw connection, KrG, Medium yellow, TS 32
|
Weidmuller
|