PART |
Description |
Maker |
NCP4589DSN25T1G NCP4589DSN12T1G NCP4589DSN18T1G NC |
300 mA, Tri-Mode, LDO Linear Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6
|
ON Semiconductor
|
NCP4587DMX28TCG NCP4587DMX30TCG NCP4587DMX18TCG NC |
150 mA, Tri-Mode, LDO Linear Voltage Regulator
|
ON Semiconductor
|
MAX6475TA18AD3 MAX6476TA18AD3 MAX6474TA28BD3 MAX64 |
2.5 V, 150 ms, 300 mA LDO linear regulator with internal microprocessor reset circuit 1.5 V, 150 ms, 300 mA LDO linear regulator with internal microprocessor reset circuit 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2.8 V, 150 ms, 300 mA LDO linear regulator with internal microprocessor reset circuit 1.8 V, 150 ms, 300 mA LDO linear regulator with internal microprocessor reset circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
CS8120YD14 CS8120YDPR5 CS8120YTHA5 CS8120YTVA5 CS8 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO14 5.0 V, 300 MA LINEAR REGULATOR WITH RESET AND ENABLE 5V, 300mA Linear Regulator with RESETbar and ENABLEbar
|
ONSEMI[ON Semiconductor]
|
TLV73310PQDBVRQ1 TLV73311PQDBVRQ1 TLV73312PQDBVRQ1 |
<font color=red>[Old version datasheet]</font> Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
|
TI store
|
ADP172ACBZ-1.0-R7 ADP172ACBZ-2.1-R7 ADP172101 ADP1 |
FIXED POSITIVE LDO REGULATOR, PBGA4 0.50 MM PITCH, ROHS COMPLIANT, WLCSP-4 300 mA, Low Quiescent Current CMOS Linear Regulator
|
Analog Devices, Inc.
|
IRU1050-33CD IRU1050-33CDTR IRU1050-33CM IRU1050-3 |
5A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Fixed LDO Linear Regulator in a TO-263 3-Leads package 5A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A Fixed LDO Linear Regulator in a TO-220 3-Leads package
|
International Rectifier
|
MAX4837 MAX4836 MAX4836-MAX4837 MAX4837EUT MAX4837 |
3.3 V, reset timeout: 1800 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 500 mA LDO linear regulator with current-limiting switch 3.3 V, 500 mA LDO linear regulator with current-limiting switch 500mA LDO Linear Regulators with Current-Limiting Switch From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products
|
MAX883MPA MAX883MPR MAX883C MAX883MPA/PR MAX883D |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.44 V DROPOUT, PDIP8 0.300 INCH, PLASTIC, MS-001AB, DIP-8
|
Maxim Integrated Products, Inc.
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
CAT6221-PGTD-GT3 CAT6221-PFTD-GT3 CAT6221-SGTD-GT3 |
LDO, Dual, 3.0 V / 1.8 V, 300 mA DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 LDO, Dual, 3.0 V / 1.5 V, 300 mA DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 LDO, Dual, 3.3 V / 1.8 V, 300 mA DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 300 mA CMOS Dual LDO Regulator LDO, Dual, 2.5 V / 3.0 V, 300 mA DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
ON Semiconductor
|
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|