PART |
Description |
Maker |
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
BUP410D Q67040-A4425-A2 |
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode) High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-TSSOP -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
P80C51 P80C51FA-4A P80C51FA-4B P80C51FA-4N P80C51F |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MAX4644 MAX4644EUA MAX4644EUT-T 2245 |
High-Speed / Low-Voltage / 4 / SPDT CMOS Analog Switch High-Speed, Low-Voltage, 4з, SPDT CMOS Analog Switch From old datasheet system High-Speed, Low-Voltage, 4, SPDT CMOS Analog Switch High-Speed, Low-Voltage, 4? SPDT CMOS Analog Switch
|
MAXIM[Maxim Integrated Products]
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
FS30KMH-2 |
Power MOSFETs: FS Series, Low Voltage, 100V for High-Speed Switching Use Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Powerex Power Semiconductors
|
LM6171 LM6171AIN LM6171BIN LM6171BIM LM6171AIM LM6 |
High Speed Low Power Low Distortion Voltage Feedback Amplifier
|
http://
|
2SC586511 |
High voltage discharge, High speed switching, Low Noise (60V, 1A)
|
Rohm
|
1PS76SB62 |
Ultra high swiching speed Very low capacitance High breakdown voltage
|
TY Semiconductor Co., L...
|
5962-9673501HYC 5962-9673501HYA 5962-9673510HYA 59 |
4.5O/20O, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP 0.6 Ohm, Low-Voltage, Single-Supply, Dual SPDT Analog Switch Converter 转换 Low-Voltage 3.5 Ohm, SPDT, CMOS Analog Switches 转换 0.8O, Low-Voltage, 4-Channel Analog Multiplexer 转换
|
Harwin PLC Advanced Interconnections, Corp.
|
2SC3307 E000825 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system HIGH SPEED AND HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR APPLICATIONS
|
Toshiba Semiconductor
|
C67078-A4404-A2 |
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|