PART |
Description |
Maker |
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
W24010A |
128K×8 High-Speed CMOS Static RAM(128K×8位高速CMOS静态RAM) 8 × 128K的高速CMOS静态RAM28K的8位高速的CMOS静态RAM)的
|
Winbond Electronics, Corp.
|
29C010 AT29C010A-90 AT29C010A-70 AT29C010-XXX AT29 |
High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 70 ns, PDIP32 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 High Speed CMOS Logic Octal Non-Inverting Buffers and Line Drivers with 3-State Outputs 20-TSSOP -55 to 125 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDIP32
|
Atmel Corp. Atmel, Corp.
|
CXK581000ATM/AYM/AM/AP-10LL CXK581000ATM/AYM/AM/AP |
128K X 8 STANDARD SRAM, 100 ns, PDIP32 128K X 8 STANDARD SRAM, 55 ns, PDSO32 8 X 20 MM, PLASTIC, TSOP1-32 131072-word x 8-bit High Speed CMOS Static RAM 131072-word x 8-bit High Speed CMOS Static RAM
|
Cypress Semiconductor, Corp. SONY
|
T14L1024A-10P T14L1024A T14L1024A-10D T14L1024A-10 |
128K X 8 HIGH SPEED CMOS STATIC RAM
|
TM Technology, Inc. TMT[Taiwan Memory Technology]
|
LY61L1024LL LY61L1024LLE LY61L1024LV |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
A617308S A6173081S-15 A6173081SW-12 A6173081S-12 |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
AMIC Technology Corporation
|
T14L1024N-10W |
128K X 8 HIGH SPEED CMOS STATIC RAM
|
Taiwan Memory Technolog...
|
P4C1024SSPT P4C1024 P4C1024-15J3C P4C1024-15J3I P4 |
HIGH SPEED 128K X 8 CMOS STATIC RAM
|
ETC[ETC] Pyramid Semiconductor Corporation
|