PART |
Description |
Maker |
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
B1582 B1582J-1.5 B1582J-2.5 B1582J-3.0 B1582J-3.3 |
1.5 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator Adjustable 4.0A low dropout voltage regulator 2.5 4.0A low dropout voltage regulator
|
BayLinear
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
B1585 B1585J-1.5 B1585J-2.5 B1585J-3.0 B1585J-3.3 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 5.0A low dropout voltage regulator 2.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator
|
BayLinear
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-957 |
Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, CQCC20 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|