PART |
Description |
Maker |
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
MUR360 MUR340 |
From old datasheet system Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A) (MUR340 / MUR360) Plastic High-Efficiency Rectifiers
|
List of Unclassifed Manufacturers ETC[ETC] SIYU Electronic Theatre Controls, Inc.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
PCB-1202-1YG PCB-1202-1RG-01 |
T-1 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 3 mm T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDtronics, Inc.
|
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISR2800DESRH ISR2800DHURH ISR2800DHDRH ISR2805DHDR |
2-OUTPUT 2.5 W DC-DC REG PWR SUPPLY MODULE Adj, Radiation hardened high-power, high efficiency DC-DC power converter 5V, Radiation hardened high-power, high efficiency DC-DC power converter
|
MS KENNEDY CORP M.S. Kennedy Corp.
|
UF2A-UF2M HS2A-HS2M HS2K UF2A UF2J |
Glass Ultrafast Recovery Rectifiers Glass High Efficiency Rectifiers SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
|
HY ELECTRONIC CORP.
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LT1072 LT1072CJ8 LT1072CK LT1072CN8 LT1072CS LT107 |
1.25A High efficiency Switching Regulator(1.25A 楂??????崇ǔ???) From old datasheet system RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 47 kHz SWITCHING FREQ-MAX, MBFM4
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|