PART |
Description |
Maker |
MAS6240C2Q2106 MAS6240D1TC00 MAS6240C1HP06 MAS6240 |
Piezo Driver with Multi-Mode Charge Pump
|
Micro Analog systems
|
MAS6240A1TC00 MAS6240A1HP08 MAS6240A1HP06 MAS6240 |
Piezo Driver with Multi-Mode Charge Pump
|
Micro Analog systems MAS
|
AAT2801IXN-4.5-T1 |
Multi-Mode Charge Pump for White LED Backlight and Flash Applications
|
Advanced Analogic Technologies, Inc.
|
AAT3111 AAT3111-33 AAT3111IGU-33-T1 AAT3111IJS-33- |
MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower⑩ Regulated Charge Pump MICROPOWER⒙ REGULATED CHARGE PUMP MicroPower Regulated Charge Pump
|
Advanced Analogic Technologies, Inc.
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AL3157 AL3157F-7 |
Four-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
|
Diodes Incorporated
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
TC1226 TC1227 TC1225 |
TheTC1225/1226/1227 are CMOS dual inverting charge pump voltage converters in 8-Pin MSOP packages. An on-board oscillator provides the clock, and only four external capacitors are required for full circuit implementation. Switching frequen (TC1225 / TC1226 / TC1227) Inverting Dual Charge Pump Voltage Converters
|
Microchip Technology
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AL315811 AL3158FSG AL3158FSG-7 AL3158 |
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS Nine-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
|
Diodes Incorporated
|
HX5186-A |
Charge Pump Controller
|
Himax
|
MIC2660 MIC2660BM5 |
IttyBitty Charge Pump IttyBitty Charge Pump
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|