PART |
Description |
Maker |
AAT2511IWP-AA-T1 |
Dual 600mA, 1MHz Step-Down DC/DC Converter
|
Skyworks Solutions Inc.
|
AAT1126IGV-0.6-T1 |
600mA, 1MHz Step-Down Converter
|
Advanced Analogic Technologies, Inc.
|
AAT1123 |
1MHz 600mA Step-Down DC/DC Converter
|
ANALOGIC
|
MAX16993AGJC/VYCS MAX16993AGJC/VYGA MAX16993AGJC/V |
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
|
MAXIM - Dallas Semiconductor
|
AAT231507 AAT2513 AAT2513IVN-AA-T1 AAT2315_07 |
Dual 600mA Step-Down Converter with Synchronization
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
AAT251006 |
Dual 400mA, 1MHz Step-Down DC-DC Converter
|
Advanced Analogic Technologies
|
APW7134QAITRL APW7134 APW7134QAITUL |
Dual 1.5MHz, 600mA Synchronous Step-Down Converter
|
Kingbright Corporation
|
LT1940 |
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
|
Linear Technology Corporation
|
LTC3419EMS-1PBF LTC3419EDD-1PBF |
Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|