PART |
Description |
Maker |
LTC1421-2.5CG LTC1421-2.5CSW |
14-bit, 5V, 200KSPS, 4-Channel Unipolar ADC 20-SOIC 0 to 70 14-Bit 200KSPS ADC Ser. Out, Auto PWRDN, Single Ended Input 8-SOIC -40 to 85 热插拔控制器
|
Linear Technology Corporation Linear Technology, Corp.
|
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
GET-30569 |
Qualification Test Results on NE272 ser es
|
CEL[California Eastern Labs]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SMLA13BC8T SMLA12WBC7W SMLA12WBC7W1 SMLA12BC7T |
Compact size side-view LEDs SML-A1 Series EXCELEDTM
|
Rohm
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
25LC640XT-I_ST 25AA640_04 25AA640-E_P 25AA640-E_SN |
64K SPI Bus Serial EEPROM 64k, 5K X 8, 2.5V SER EE, -40C to 125C, 8-SOIC 150mil, TUBE
|
MICROCHIP[Microchip Technology]
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|