PART |
Description |
Maker |
QL3004-4PL84C QL3004-4PL84I QL3004-4PL84M QL3004-4 |
4,000 usable PLD gate pASIC 3 FPGA combining high performance and high density.
|
QuickLogic
|
QL4090-0CF100M QL4090-0CF100M_883 QL4090-0CF208M Q |
90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 16,128 RAM bits. 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 25,344 RAM bits.
|
ETC[ETC] QuickLogic
|
QL4090-1PQ208M/883 QL4090-0CG456M/883 QL4090-1PQ24 |
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 9.0万门QuickRAM可用PLD的结合性能,密度和嵌入式内
|
Electronic Theatre Controls, Inc.
|
TC14L TC11L TC11L003 TC11L007 TC14L040 TC11L005 TC |
7 K usable gate, 1.0 micron, CMOS gate array 300 usable gate, 1.5 micron, CMOS gate array 700 usable gate, 1.5 micron, CMOS gate array 4 K usable gate, 1.0 micron, CMOS gate array 500 usable gate, 1.5 micron, CMOS gate array
|
Toshiba Semiconductor
|
QL4016-0PG208M QL4016-0PG208M_883 QL4016-0PL84M QL |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
|
QuickLogic Corp. List of Unclassifed Manufacturers
|
CD4071BDMSR CD4071BKMSR |
CMOS OR Gate; Temperature Range: -; Package: 14-SBDIP 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDIP14 CMOS OR Gate; Temperature Range: -; Package: 14-FlatPack 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDFP14
|
Intersil, Corp.
|
HEF40106BPB HEF40106BDB |
4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDIP14 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP14
|
NXP SEMICONDUCTORS
|
ATV750BV-15GC ATV750BV-15GI ATV750BV-15GM ATV750BV |
OT PLD, 15 ns, CDIP24 0.300 INCH, CERDIP-24 OT PLD, 15 ns, PQCC28 PLASTIC, MO-047AB, JLCC-28 OT PLD, 15 ns, CQCC28 CERAMIC, LCC-28 UV PLD, 25 ns, CQCC28
|
Atmel, Corp. ATMEL CORP
|
93Z458PC 93Z458DMQB 93Z458FCQR 93Z458LC |
OT PLD, 45 ns, PDIP28 OT PLD, 65 ns, CDIP28 OT PLD, 45 ns, CDFP28 OT PLD, 45 ns, CQCC28
|
FAIRCHILD SEMICONDUCTOR CORP
|
MC14001BCL MC14002BCP MC14075BCL MC14023BCL |
B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
HD14519 HD14519B HD14519BP |
4-bit AND/OR Selector or Quadruple 2-Channel Data Selector or Quadruple Exclusive-NOR Gate 4位和/或选择或四双通道数据选择器或四异或非 4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, PDIP16 DP-16
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
|