PART |
Description |
Maker |
STK433-090-E |
2-channel class AB audio power IC,80W 80W
|
Sanyo Semicon Device
|
STK415-120-E |
80 W, 2 CHANNEL, AUDIO AMPLIFIER, ZFM19 2-Channel Power Switching Audio Power IC, 80W 80W
|
Sanyo Semicon Device
|
MPI-8080 |
80W AC-DC Open Frame Power Supply Output 100W
|
BOSER Technology
|
MPI-8080 |
80W AC-DC Open Frame Power Supply Output 100W with Fan Required
|
BOSER Technology Co., Ltd
|
ZWQ130-5222 ZWQ130-5224 ZWQ130-5223 ZWQ130-5225 ZW |
80W to 170W Quad Output Power Supplies 80W to 170W Quad Output Power Supplies
|
TDK Electronics
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
VSBU-120-3.3 VSBU-120-30 VSBU-120-7.5 VSBU-120-12 |
Single Output Switching Power Supply
|
CUI INC,
|
HSCP-HRFCJ-2AS_51 HRFC-A2-SF_01 HRFC-A2-SF-D1 HRFC |
FC Type Fiber Optic Connectors PWR SUP 80W 5V 12V 12V-12V OUT SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 28 Vdc, 1 A, Pin Plunger Actuator, Solder Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination PWR SUP 80W 5V 15V-5V-15V OUT FC Type Fiber Optic Connectors FC型光纤连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd. http://
|
SCP-5011 |
50W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
NES-200-7.5 NES-200-3.3 NES-2001104 |
200W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|