PART |
Description |
Maker |
ISL85001 ISL85001IRZ ISL85001IRZ-T |
1A Standard Buck PWM Regulator
|
Intersil Corporation
|
RT9204CS RT9204 |
Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
|
ETC Richtek Technology Corporation
|
ISL6528EVAL1 ISL6528 ISL6528CB ISL6528CB-T ISL6528 |
Dual Regulator - Standard Buck PWM and Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
MIC23051-CGYML MIC23051-C4YML MIC23051-16YML MIC23 |
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
|
Micrel Semiconductor,Inc.
|
HIP6302CBZ HIP6302CBZA HIP630204 HIP6302EVAL1 HIP6 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO16 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
HIP6302CB HIP6302 HIP6302CB-T HIP6302EVAL1 FN4766 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller(寰??????稿?澶?????璋??瑙h??? Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 微处理器核心电压调节器的多相降压PWM控制 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
UC1573 |
Buck PWM Stepdown Voltage Regulator
|
Unitrode Semiconductor
|
MIC2207 MIC2207YML |
3mmx3mm 2MHz 3A PWM Buck Regulator
|
Micrel Semiconductor
|
SM8303-12V |
150KHz, 3A PWM Buck Switching Regulator
|
SamHop Microelectronics...
|
ISL6552CB ISL6552CB- ISL6552CR ISL6552CR- ISL6552C |
PWM Controller, 2-4 Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|