PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX6817 MAX6816 MAX6818 MAX6818EAP MAX6816EUS-T MA |
±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 8-Bit Binary Counters With Input Registers 20-LCCC -55 to 125 15kV ESD-Protected / Single/Dual/Octal / CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers 15kV ESD-Protected Single/Dual/Octal CMOS Switch Debouncers 【15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
|