PART |
Description |
Maker |
DF30FC-XXX DF30CJ-22DS DF30CJ-XXX DF30FB-20DP-0.4V |
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors 0.4 mm间距.9毫米高,板对板对FPC连接 0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors 0.4 mm间距0.9毫米高,板对板对FPC连接 PSE 27ANAF-RI00BL24-NO-L FEU 5X20 CAP
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
DF23C-10DP-0.5V DF23C-10DS-0.5V DF23C-14DP-0.5V DF |
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors 0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors 0.5mm间距低轮廓Board-to-Board/Board-to-FPC连接
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
51296-0893 |
0.5 FPC Conn ZIF Hsg Assy8Ckt EmbsTpPkg 8 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
DF19L-20P-1H DF19KR-14P-1C DF19KR-14P-1CGND DF19KR |
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
|
Hirose Electric
|
90327-3324 90327-3306 90327-3326 90327-0322 90327- |
1.27mm PF Conn LoPro IDT Wht .76Au 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm PF Conn LoPro IDT Wht .76Au 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CONN RECPT IDT 26POS 1.27MM GOLD 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27 mmPF Conn LoPro IDT Wht 2Sn 22Ckt CONNECTOR, PICOFLEX 26WAY ; Ways, No. of:26; Pitch:1.27mm; Colour:White; Current, contact rating:1.2A; Flammability rating:UL94V-0; Material:Polyester; Material, contact:Phosphor bronze alloy; Plating, contact:Tin; Poles, No. of:26;
|
Molex, Inc. MOLEX INC
|
XB4B-5035-D XB4B-6035-D XB4A-6035-D |
0.4-mm Pitch Board to FPC Connector
|
Omron Electronics LLC
|
AXK5F34347YG AXK5F30347YG AXK5F20347YG AXK5F80547Y |
NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
|
Panasonic Semiconductor
|
35328-0560 353280564 |
7.92 PITCH W/B CONN. ASSY 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
52435-2826 52435-2626 52435-2672 52435-1872 52435- |
0.5 FPC CONN ZIF FOR SMT
|
Molex Electronics Ltd.
|
AXT530224 AXT544124 AXT550224 AXT542124 AXT524124 |
NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION 22 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT, SOCKET 40 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT, SOCKET 54 CONTACT(S), MALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Panasonic Semiconductor http://
|
14-56-8171 14-56-8151 14-56-8071 14-56-8191 14-56- |
CGrid SL IDT SR Conn Opt D 30 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn Assy OptD 30Au 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 19Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn OptD 30Au 6Ckt CGrid SL IDT SR Conn Opt D 30 SAu 14Ckt
|
Molex, Inc. MOLEX INC
|
HL01U05D05Y HL01U12D05Y HL01U05D05Y/H HL01U05D05Z |
0.4mm contact spacing, 1.0mm height, Board-to-board, board-to-FPC connectors; HRS No: 684-3012-9 74 模拟IC 0.4mm contact spacing, 1.0mm height, Board-to-board, board-to-FPC connectors; HRS No: 684-3010-3 51; No. of Positions: 30 模拟IC Analog IC 模拟IC
|
EPCOS AG
|
|