PART |
Description |
Maker |
LX7001IPK LX7001CPK |
Low Voltage, 1.2 MHz, Micropower, DC-DC Step-Up Converter, Powersave Operation (light loads), shutdown battery feedthrough - TSOT23-6 185mA, 5V, DC-DC Step up Converter, SOT23 6-pin 电压检测器
|
Microsemi, Corp.
|
LTC1779 1779F LTC1779ES6 LTC1779ES6TRPBF |
250mA Current Mode Step-Down DC/DC Converter in ThinSOT From old datasheet system 250mA Current Mode Step-Down Converter in SOT-23 250mA Current Mode Step-Down DC/DC Converter in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 650 kHz SWITCHING FREQ-MAX, PDSO6
|
LINER[Linear Technology] Linear Technology, Corp.
|
MB3883 MB388302 MB3883PV MB3883PFV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down DSC/Camcoder DC/DC Converters
|
FUJITSU[Fujitsu Media Devices Limited]
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MB3881PFF MB3881 |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
FAN5602MP33X FAN5602MP45X FAN5602MP5X |
Regulated Step-Up/Step-Down Charge Pump DC/DC Converter
|
Fairchild Semiconductor
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
AN8014S AN8014 |
Step-down, step-up, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
L6920D L6920 |
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER 1V的高SYNCRONOUS升压转换 1V HIGH EFFICIENCY SYNCHRONOUS STEP UP CONVERTER
|
STMicroelectronics N.V. 意法半导
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|