PART |
Description |
Maker |
ISPLSI2032VL ISPLSI2032VL-110LB49 ISPLSI2032VL-110 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP48 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQCC44 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 5 ns, PQFP44
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
XC9536-5VQ44C XC9536 XC9536-10 XC9536-10CS48C XC95 |
XC9536: 5V ISP CPLD Family Product Specification From old datasheet system XC9536 In-System Programmable CPLD FLASH PLD, 5 ns, PBGA48 XC9536 In-System Programmable CPLD XC9536在系统可编程的CPLD XC9536 In-System Programmable CPLD FLASH PLD, 10 ns, PQCC44 XC9536 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC44
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
ATMEGA8515-16MC ATMEGA8515-8AC ATMEGA8515-8JI ATME |
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 8-bit microcontroller with 8K bytes In-system programmable flash. Speed 16 MHz. Power supply 4.5 - 5.5 V.
|
Atmel
|
CY8C21123 CY8C2112311 CY8C21123-24SXIT CY8C21323-2 |
PSoC Programmable System-on-Chip Low power at high speed PSoC(R) Programmable System-on-Chip(TM); Analog PSoC Blocks: 4; Digital PSoC Blocks: 4; Memory Size: 4 KB; Temperature Range: -40 to 85 C MULTIFUNCTION PERIPHERAL, PDSO8 PSoC™ Mixed-Signal Array CY8C21123, CY8C21223, and CY8C21323 MULTIFUNCTION PERIPHERAL, QCC24
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
SMB113A10 SMB113B |
High-power, Four-channel Programmable DC-DC System Power Managers
|
Summit Microelectronics, Inc. Summit Microelectronics...
|
ISPPAC-POWR607 |
In-System Programmable Power Supply
|
Lattice Semiconductor
|
SMB110 |
Five Channel Programmable DC-DC System Power Manager
|
http://
|
EP1K30FC256 ACEX1K07 |
Programmable Logic Family From old datasheet system Field Programmable Gate Array (FPGA)
|
Altera Corporation
|