PART |
Description |
Maker |
ISD1810 ISD1810X ISD1810P |
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
|
Winbond
|
ISD1800 I1810X I1810S I1810P I1800SERIES I1806X I1 |
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
|
Winbond Electronics WINBOND[Winbond]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
ISD2532 ISD2564 ISD2540 ISD2548 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 32 seconds)(单片的录录音重放一片信息存储持续时2秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 64 seconds)(单片的录录音重放一片信息存储持续时4秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 40 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 48 seconds)(单片的录录音重放一片信息存储持续时8秒))
|
Winbond Electronics Corp
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
ICL7129A ICL7129AC_D ICL7129ACJL ICL7129ACPL ICL71 |
"Low-Noise, 4 1/2 Digit, Single- Chip ADC with Multiplexed LCD Drivers" 4-1/2 Digit Single-Chip A/D Converter with LCD Driver 4-1/2位单芯片的A / D转换器与液晶显示驱动 4-1/2 Digit Single-Chip A/D Converter with LCD Driver 1-CH 4-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, UUC40
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
DMC42C1106 |
4Bit Single Chip Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
Daewoo Semiconductor Rochester Electronics, LLC
|
DMC42C2008 |
4Bit Single Chip Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Daewoo Semiconductor
|
ISD1210 ISD1212 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒))
|
Winbond Electronics Corp
|