PART |
Description |
Maker |
AS7C33256NTF32_36A AS7C33256NTF32-36A.V.1.1 AS7C33 |
3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 10 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 36Vz 7mA-Izt 0.05 5uA-Ir 27.4Vr DO41-GLASS 5K/REEL From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1355A-117BGC CY7C1355A-117BGI CY7C1357A-100AC |
256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V65603S100BG IDT71V65603S100BG8 IDT71V65603S1 |
3.3V 256K X 36 ZBT Synchronous 3.3V I/O PipeLined SRAM 3.3V 512K x 18 ZBT Synchronous 3.3V I/O PipeLined SRAM
|
IDT
|
IS61NP25618-100B IS61NP25618-100B2 IS61NP25618-100 |
256K X 18 ZBT SRAM, 5 ns, PBGA119 PLASTIC, BGA-119 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
MERITEK Electronics, Corp. Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71V2556S IDT71V2556S100BGI IDT71V2556S100BQI ID |
128K X 36, 256K X 18 3.3V SYNCHRONOUS ZBT SRAMS 2.5V I/O, BURST COUNTER PIPELINED OUTPUTS
|
IDT[Integrated Device Technology]
|
IDT71V65802 IDT71V65602 |
256K x 36, 512K x 18 3.3V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
71V3558S200PFG |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
|
Integrated Device Technology
|
IDT71V65802S150PFI IDT71V65602 IDT71V65602S100BG I |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT[Integrated Device Technology]
|
GS840Z18AT-180I GS840Z18AGT-180I GS840Z18AGT-150I |
4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 8 ns, PQFP100 4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 10 ns, PQFP100
|
GSI Technology, Inc.
|
IS61NVF102418-6.5B2 IS61NVF25672-6.5B1 IS61NVF5123 |
1M X 18 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 7.5 ns, PBGA209
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
GS8162Z72AC-225T GS8162Z72AGC-275T GS8162Z72AGC-22 |
256K X 72 ZBT SRAM, 6 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 256K X 72 ZBT SRAM, 5.25 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 512K X 36 ZBT SRAM, 6 ns, PBGA119
|
GSI Technology, Inc.
|