PART |
Description |
Maker |
CY7C1361A-117BGC CY7C1363A-117BGC CY7C1363A-133AC |
x18 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x18 Synchronous SRAM x18同步SRAM x36 Synchronous SRAM x36同步SRAM
|
Linear Technology, Corp. NXP Semiconductors N.V.
|
GS84032T-166 GS84032T-166I GS84032B-166I GS84032B- |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM 256K x 18 128K x 32 128K x 36 4Mb Sync Burst x18 Fast Synchronous SRAM x18快速同步SRAM
|
Coilcraft, Inc.
|
CY7C1367A-225AJC CY7C1367A-225BGC CY7C1366A-200AC |
x36 Fast Synchronous SRAM x36 Synchronous SRAM x18 Synchronous SRAM x18同步SRAM
|
Cypress Semiconductor Corp.
|
IS61SP12832-5TQI IS61SP12836-5B IS61SP12836-5TQI I |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM
|
Electronic Theatre Controls, Inc.
|
PDM44066S12TQI PDM44066S20TQI |
x36 Fast Synchronous SRAM
|
|
IBM041810TLAA-4 IBM043610TLAA-5F |
x18 Synchronous SRAM x18同步SRAM x36 Synchronous SRAM x36同步SRAM
|
Teledyne Technologies, Inc. Silicon Laboratories, Inc.
|
IS64LPS12836EC-200TQA3 IS64VPS12836EC-200TQA3 IS64 |
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
|
Integrated Silicon Solu...
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
HM62G36256ABP-30 HM62G36256ABP-33 |
Memory>Fast SRAM>Late Write / High Speed Interface Synchronous SRAM
|
Renesas
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|