PART |
Description |
Maker |
CY7C056V05 CY7C057V CY7C057V-12AC CY7C057V-15AXC C |
3.3V 16K/32K x 36 FLEx36垄芒 Asynchronous Dual-Port Static 3.3V 16K/32K x 36 FLEx36?/a> Asynchronous Dual-Port Static
|
Cypress Semiconductor http://
|
CY7C006A-20AC CY7C006A-20JC CY7C016A CY7C016A-12AC |
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
|
CYPRESS[Cypress Semiconductor]
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
CYD02S36V |
(CYDxxS36V) FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
CY7C007A 7C017A |
32K/16K x 8, 32K x 9Dual-Port Static RAM From old datasheet system
|
Cypress
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ST92185B3T1 ST92185B1 ST92185B1T1 ST92185B2 ST9218 |
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY 16K/24K/32K光盘HCMOS微控制器屏幕显示
|
STMicroelectronics N.V.
|
Z86E61 Z86E63 |
CMOS Z8 16K/32K EPROM MICROCONTROLLER
|
ZILOG[Zilog, Inc.]
|
AT89C51RC20312 AT89C51RC2-3CSCM AT89C51RC2-3CSIM A |
Microcontroller with 16K/32K Bytes Flash
|
ATMEL Corporation http://
|
89C51RB2-IL 89C51RC2-IL AT89C51RC2-3CSIM AT89C51RC |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
http:// ATMEL Corporation
|
AL5DA140 AL5DA142 AL5DA143 AL5DA421 AL5DAXXXX AL5D |
3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit
|
AverLogic Technologies Inc AverLogic Technologies, Inc.
|
AT90CAN128-16AI AT90CAN128-16AU AT90CAN128-16MI AT |
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
|
ATMEL Corporation
|