PART |
Description |
Maker |
BZW06P64 BZW06P33 BZW06P33B BZW06P7V0 BZW06-64B BZ |
Diode TVS Single Uni-Dir 273V 600W 2-Pin DO-15 Diode TVS Single Bi-Dir 64.1V 600W 2-Pin DO-15 Diode TVS Single Uni-Dir 64.1V 600W 2-Pin DO-15 Diode TVS Single Bi-Dir 7.02V 600W 2-Pin DO-15
|
New Jersey Semiconductor
|
Z86E3412VSC Z86E4312FSC Z86E4312PSC Z86E4312VSC Z8 |
DIODE TVS 440V 600W BI DO-15 5% DIODE TVS 18V 600W UNIDIR 5% SMB DIODE TVS 20V 600W UNIDIR 5% SMB DIODE TVS 22V 600W BIDIR 5% SMB DIODE TVS 600W 400V UNI 5% SMB DIODE TVS 600W 440V UNI 5% SMB DIODE TVS 600W 480V BIDIR 5% SMB MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|SOP|28PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料 MICROCONTROLLER|8-BIT|Z8 CPU|CMOS|LDCC|44PIN|PLASTIC 单片机| 8位| Z8的CPU |的CMOS | LDCC | 44PIN |塑料 DIODE TVS 33V 600W UNI-DIR 单片机| 8位| Z8的CPU |的CMOS |专科| 28脚|塑料
|
KEC Holdings Electronic Theatre Controls, Inc. ZiLOG, Inc.
|
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|
1N5651B 1N5635B |
Diode TVS Single Uni-Dir 45.4V 1.5KW 2-Pin DO-13 Bulk Diode TVS Single Uni-Dir 9.72V 1.5KW 2-Pin DO-13 Bulk
|
New Jersey Semiconductors
|
30KP250 30KP320CA 30KP26A 30KP26C |
30KW TRANSIENT VOLTAGE SUPPRESSOR Diode TVS Single Bi-Dir 320V 30KW 2-Pin Case D-6 Diode TVS Single Uni-Dir 26V 30KW 2-Pin Case D-6 Diode TVS Single Bi-Dir 26V 30KW 2-Pin Case D-6
|
New Jersey Semiconductor
|
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
1N6052 1N6056 |
Diode TVS Single Bi-Dir 29V 1.5KW 2-Pin DO-13 Diode TVS Single Bi-Dir 41V 1.5KW 2-Pin DO-13
|
New Jersey Semiconductor
|
BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 B |
BSV52R - Tranzystor prze潮czaj便y BFE215R - Tranzystor wielkiej cz牦totliwo躲i BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny BF521 - Tranzystor wielkiej cz牦totliwo躲i TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power Cyclone FPGA 6K PQFP-240 Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No FUSE-250V,1.0A,SLO-BLO 0.25X1.25 FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA 3A 250V SLO-BLO 1/4X1-1/4 CERA FUSE 15A 32V Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No DIODE TVS 200V 600W BIDIR 5% SMB BF619 - Tranzystor wielkiej cz牦totliwo躲i DIODE TVS 28V 600W BI-DIR SMB DIODE TVS 30V 600W BI-DIR SMB BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny VARISTOR MEDIUM VOLTAGE BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
|
NXP Semiconductors N.V. Cirrus Logic, Inc. Belden, Inc. PHOENIX CONTACT Deutschland GmbH
|
P6KE24A-T P6KE15A-T P6KE18A-T P6KE13A-B P6KE18A-B |
600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Diodes Inc. Diodes, Inc.
|
PSL486-7R SL486 PSL126-7R PSL128-7R PSL129-2R PSL1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK TVS UNI-DIR 24V 1500W DO-201 6...12 A Switching Regulators
|
POWER-ONE[Power-One]
|
STK301-060 |
DIODE TVS 16V 600W BIDIR 5% SMB
|
|
|