PART |
Description |
Maker |
UB264B UB264BG-P08-R UB264BL-P08-R |
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
|
Unisonic Technologies
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NM25C040 NM25C040LM8 NM25C040LVMT8 NM25W040LMT8X N |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
24CO25-SN 24CO25-ST 24CO25-IP 24CO25-ISN 24CO25-IS |
2K 2.5V I 2 C Serial EEPROM 2K 2.5VI 2荤⑩串行EEPROM 2K 2.5V IIC serial EEPROMs(2.5V~5.5V,2K10M次擦写周可寻址,EEPROM) 2K2.5VI2CSerialEEPROM 2K 2.5V I 2 C ?Serial EEPROM 2K 2.5V I2C EEPROM
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc.
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
PUMA2US2500I-2512 PUMA2US2500I-2510 PUMA2US2500I-2 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7(SERIAL EE) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 MINI-MAP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 LAP, IND TEMP, GREEN, 2.7V(SERIAL EE) SRAM/EPROM 静态存储器/存储 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) 静态存储器/存储
|
TDK, Corp. TE Connectivity, Ltd.
|
AT24C512BW-SH-B AT24C512BW-SH-T AT24C512B AT24C512 |
8-TSSOP, PB/HALO FREE,NIPDAU LF, 1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 TSSOP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 PDIP, PB/HALO FREE, 2.5V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 8 EIAJ,PB/HALO FREE,1.8V(SERIAL EE) 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM 512K (65,536 x 8)
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX531 MAX531ACPD MAX531ACSD MAX531AEPD MAX531AESD |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 5V / Low-Power / Voltage-Output / Serial 12-Bit DACs OFFICE TRANSCEIVER CABLE VER 2 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-99 RoHS Compliant: No 5V Low-Power Voltage-Output Serial 12-Bit DACs 5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
|