PART |
Description |
Maker |
702-5162 |
Component Mounting Board, 6 pin
|
CAMBION Electronic Components
|
UNIFOX-SR-6 |
The mounting pliers feature ergonomic two-component safety handles
|
PHOENIX CONTACT
|
2224 |
Phenolic Box Component Mounting Banana Jack To Double Plug
|
Pomona Electronics
|
PB32Q |
MOUNTING BOARD
|
Crydom Inc.,
|
OMT232 OMT232L OMT500 OMT276L OMT242 OMT272 OMT272 |
PC Board Mounting Type
|
Ohmite Mfg. Co.
|
GCBC100-2B |
Current sensor for PW Board mounting
|
ALPS ELECTRIC CO.,LTD.
|
NG8QN NG8QNC10DC12V0.69 NG8QNCS10DC12V0.69 |
Low coil consumption. / PC board mounting.
|
DB Lectro Inc.
|
1770740000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.138"; Wire Size (AWG):22-10; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
1709610000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Current Rating:15A; Leaded Process Compatible:Yes; Number of Rows:1; Voltage Rating:300V 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SCREW, PLUG
|
Weidmuller, Corp.
|
55560-0807 |
Board-to-board plug; No. of Contacts:80; Pitch Spacing:0.4mm; No. of Rows:2; Mounting Type:PCB SMT; Connector Style:Vertical; Current Rating:0.5A; Gender:Plug; Series:SlimStack; Voltage Rating:50V RoHS Compliant: Yes
|
MOLEX INC
|
54150-0878 |
Board-to-board receptacle; No. of Contacts:80; Pitch Spacing:0.02"; No. of Rows:2; Mounting Type:PCB SMT; Connector Style:Vertical; Current Rating:0.5A; Gender:Receptacle; Series:SlimStack; Voltage Rating:50V RoHS Compliant: Yes
|
MOLEX INC
|
OSC-2 |
Oscillator Board (Dumping Resistor Mounting Type)
|
Renesas Electronics Corporation
|